Part Number Hot Search : 
1N987B CM200C R0402 C3500 G910T25D M66010GP SBL10 BDW48
Product Description
Full Text Search
 

To Download ELC-645-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED - Chip
21.11.2007 Radiation Red Type Standard Technology AlInGaP/GaAs
EL-645-13
rev. 06 Electrodes P (anode) up
265 110
typ. dimensions (m)
typ. thickness 260 (20) m cathode gold alloy, 0.5 m anode gold alloy, 1.5 m
Optical and Electrical Characteristics
Tamb = 25C, unless otherwise specified Test Parameter conditions Forward voltage Reverse voltage Radiant power Radiant power
1 2
Symbol
Min
Typ
Max
Unit
IF = 20 mA IR = 10 A IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA
VF VR e e v v P D 0.5 tr, tf 635 40 5 1.2
1.9 2.0 4.0 70 140 645 632 18 15
2.3
V V mW mW mcd mcd
Luminous intensity1 Luminous intensity2 Peak wavelength Dominant wavelength Spectral bandwidth at 50% Switching time
1 2
655
nm nm nm ns
Measured on bare chip on TO-18 header with EPIGAP equipment Measured on epoxy covered chip on TO-18 header with EPIGAP equipment
Labeling
Type EL-645-13 Lot N V(typ) [mcd] VF(typ) [V] Quantity
Packing: Chips on adhesive film with wire-bond side on top
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications.All operating parameters must be validated for each customer application by the customer. EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 1 of 1 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545


▲Up To Search▲   

 
Price & Availability of ELC-645-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X